Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 74Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 75Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 76Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 77Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 78Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 79Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 80Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 81Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 78
Preliminary
 2015 Microchip Technology Inc.
REGISTER 6-4:
OSCSTAT1: OSCILLATOR STATUS REGISTER 1
R-q/q
R-q/q
U-0
R-q/q
R-q/q
R-q/q
U-0
R-q/q
EXTOR
HFOR
—LFOR
SOR
ADOR
—
PLLR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
EXTOR:
EXTOSC (external) Oscillator Ready bit
1
=
The oscillator is ready to be used
0
=
The oscillator is not enabled, or is not yet ready to be used.
bit 6
HFOR:
HFINTOSC Oscillator Ready bit
1
=
The oscillator is ready to be used
0
=
The oscillator is not enabled, or is not yet ready to be used.
bit 5
Unimplemented:
Read as ‘0’
bit 4
LFOR:
LFINTOSC Oscillator Ready bit
1
=
The oscillator is ready to be used
0
=
The oscillator is not enabled, or is not yet ready to be used.
bit 3
SOR:
Secondary (Timer1) Oscillator Ready bit
1
=
The oscillator is ready to be used
0
=
The oscillator is not enabled, or is not yet ready to be used.
bit 2
ADOR:
ADCRC Oscillator Ready bit
1
=
The oscillator is ready to be used
0
=
The oscillator is not enabled, or is not yet ready to be used
bit 1
Unimplemented:
Read as ‘0’
bit 0
PLLR:
PLL is Ready bit
1
=
The PLL is ready to be used
0
=
The PLL is not enabled, the required input source is not ready, or the PLL is not ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com