Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 23Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 24Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 25Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 26Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 27Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 28Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 29Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 30Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 442 page
background image
Bank 3
CPU CORE REGISTERS; see Table 3-2 for specifics
18Ch
ANSELA
―
―
ANSA5
ANSA4
―
ANSA2
ANSA1
ANSA0
--11 -111
--11 -111
18Dh
―
―
Unimplemented
―
―
18Eh
ANSELC
X
―
Unimplemented
―
―
―
X
―
―
ANSC5
ANSC4
ANSC3
ANSC2
ANSC1
ANSC0
--11 1111
--11 1111
18Fh
―
―
Unimplemented
―
―
190h
―
―
Unimplemented
―
―
191h
―
―
Unimplemented
―
―
192h
―
―
Unimplemented
―
―
193h
―
―
Unimplemented
―
―
194h
―
―
Unimplemented
―
―
195h
―
―
Unimplemented
―
―
196h
―
―
Unimplemented
―
―
197h
VREGCON(1)
―
―
―
―
―
―
VREGPM<1:0>
---- --01
---- --01
198h
―
―
Unimplemented
―
―
199h
RC1REG
RC1REG<7:0>
0000 0000
0000 0000
19Ah
TX1REG
TX1REG<7:0>
0000 0000
0000 0000
19Bh
SP1BRGL
SP1BRG<7:0>
0000 0000
0000 0000
19Ch
SP1BRGH
SP1BRG<15:8>
0000 0000
0000 0000
19Dh
RC1STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
19Eh
TX1STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
0000 0010
19Fh
BAUD1CON
ABDOVF
RCIDL
―
SCKP
BRG16
―
WUE
ABDEN
01-0 0-00
01-0 0-00
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com