Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 63Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 64Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 65Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 66Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 67Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 68Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 69Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 70Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 67
PIC16(L)F18313/18323
FIGURE 6-3:
QUARTZ CRYSTAL
OPERATION (LP, XT OR
HS MODE)
FIGURE 6-4:
CERAMIC RESONATOR
OPERATION
(XT OR HS MODE)
6.2.1.3
Oscillator Start-up Timer (OST)
If the oscillator module is configured for LP, XT or HS
modes, the Oscillator Start-up Timer (OST) counts
1024 oscillations from OSC1. This occurs following a
Power-on Reset (POR), or a wake-up from Sleep. The
OST ensures that the oscillator circuit, using a quartz
crystal resonator or ceramic resonator, has started and
is providing a stable system clock to the oscillator
module.
Note 1:
Quartz
crystal
characteristics
vary
according
to
type,
package
and
manufacturer. The user should consult the
manufacturer data sheets for specifications
and recommended application.
2:
Always verify oscillator performance over
the VDD and temperature range that is
expected for the application.
3:
For oscillator design assistance, reference
the following Microchip Application Notes:
• AN826, Crystal Oscillator Basics and
Crystal Selection for rfPIC® and PIC®
Devices
(DS00826)
• AN849, Basic PIC® Oscillator Design
(DS00849)
• AN943, Practical PIC® Oscillator
Analysis and Design
(DS00943)
• AN949, Making Your Oscillator Work
(DS00949)
Note 1:
A series resistor (RS) may be required for
quartz crystals with low-drive level.
2:
The value of RF varies with the Oscillator mode
selected (typically between 2 M
 to 10 M.
C1
C2
Quartz
RS(1)
OSC1/CLKIN
RF(2)
Sleep
To Internal
Logic
PIC® MCU
Crystal
OSC2/CLKOUT
Note 1:
A series resistor (RS) may be required for
ceramic resonators with low-drive level.
2:
The value of RF varies with the Oscillator mode
selected (typically between 2 M
 to 10 M.
3:
An additional parallel feedback resistor (RP)
may be required for proper ceramic resonator
operation.
C1
C2 Ceramic
RS(1)
OSC1/CLKIN
RF(2)
Sleep
To Internal
Logic
PIC® MCU
RP(3)
Resonator
OSC2/CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com