Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 55Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 56Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 57Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 58Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 59Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 60Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 61Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 62Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 59
PIC16(L)F18313/18323
5.3
Low-Power Brown-Out Reset
(LPBOR)
The Low-Power Brown-Out Reset (LPBOR) is an
essential part of the Reset subsystem. Refer to
Figure 5-1 to see how the BOR interacts with other
modules.
The LPBOR is used to monitor the external VDD pin.
When too low of a voltage is detected, the device is
held in Reset. When this occurs, a register bit (BOR) is
changed to indicate that a BOR Reset has occurred.
The same bit is set for both the BOR and the LPBOR.
Refer to Register 5-2.
5.3.1
ENABLING LPBOR
The LPBOR is controlled by the LPBOR bit of
Configuration Words. When the device is erased, the
LPBOR module defaults to disabled.
5.3.1.1
LPBOR Module Output
The output of the LPBOR module is a signal indicating
whether or not a Reset is to be asserted. This signal is
OR’d together with the Reset signal of the BOR
module to provide the generic BOR signal, which goes
to the PCON register and to the power control block.
5.4
MCLR
The MCLR is an optional external input that can reset
the device. The MCLR function is controlled by the
MCLRE bit of Configuration Words and the LVP bit of
Configuration Words (Table 5-2).
5.4.1
MCLR ENABLED
When MCLR is enabled and the pin is held low, the
device is held in Reset. The MCLR pin is connected to
VDD through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path.
The filter will detect and ignore small pulses.
5.4.2
MCLR DISABLED
When MCLR is disabled, the pin functions as a general
purpose input and the internal weak pull-up is under
software control. See Section 11.1 “I/O Priorities” for
more information.
5.5
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware
does not issue a CLRWDT instruction within the time-out
period. The TO and PD bits in the STATUS register, as
well as the RWDT bit in the PCON register, are changed
to indicate the WDT Reset. See Section 9.0, Watchdog
Timer (WDT) for more information.
5.6
RESET
Instruction
A RESET instruction will cause a device Reset. The RI
bit in the PCON register will be set to ‘0’. See Table 5-4
for default conditions after a RESET instruction has
occurred.
5.7
Stack Overflow/Underflow Reset
The device can reset when the Stack Overflows or
Underflows. The STKOVF or STKUNF bits of the PCON
register indicate the Reset condition. These Resets are
enabled by setting the STVREN bit in Configuration
Words.
See
Section 3.4.2
“Overflow/Underflow
Reset”
for more information.
5.8
Programming Mode Exit
Upon exit of Programming mode, the device will
behave as if a POR device Reset had just occurred.
5.9
Power-Up Timer
The Power-up Timer provides a nominal 64 ms
time-out on POR or Brown-out Reset.
The device is held in Reset as long as PWRT is active.
The PWRT delay allows additional time for the VDD to
rise to an acceptable level. The Power-up Timer is
enabled by clearing the PWRTE bit in Configuration
Words.
The Power-up Timer starts after the release of the POR
and BOR.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
TABLE 5-2:
MCLR CONFIGURATION
MCLRE
LVP
MCLR
00
Disabled
10
Enabled
x1
Enabled
Note:
A Reset does not drive the MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com