Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/RF Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F18323-E/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/RF Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F18323-E/RF Datasheet HTML 115Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 116Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 117Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 118Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 119Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 120Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 121Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 122Page - Microchip Technology PIC16F18323-E/RF Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 119
PIC16(L)F18313/18323
10.4.6
MODIFYING PROGRAM FLASH
MEMORY
When modifying existing data in a program memory
row, and data within that row must be preserved, it must
first be read and saved in a RAM image. Program
memory is modified using the following steps:
1.
Load the starting address of the row to be
modified.
2.
Read the existing data from the row into a RAM
image.
3.
Modify the RAM image to contain the new data
to be written into program memory.
4.
Load the starting address of the row to be
rewritten.
5.
Erase the program memory row.
6.
Load the write latches with data from the RAM
image.
7.
Initiate a programming operation.
FIGURE 10-6:
PROGRAM FLASH
MEMORY MODIFY
FLOWCHART
10.4.7
NVMREG EEPROM, USER ID,
DEVICE ID AND CONFIGURATION
WORD ACCESS
Instead of accessing Program Flash Memory, the
EEPROM, the User ID’s, Device ID/Revision ID and
Configuration
Words
can
be
accessed
when
NVMREGS = 1 in the NVMCON1 register. This is the
region that would be pointed to by PC<15> = 1, but not
all addresses are accessible. Different access may
exist for reads and writes. Refer to Table 10-3.
When read access is initiated on an address outside
the parameters listed in Table 10-3, the NVMDATH:
NVMDATL register pair is cleared, reading back ‘0’s.
Start
Modify Operation
Read Operation
(Figure x.x)
Erase Operation
(Figure x.x)
Modify Image
The words to be modified are
changed in the RAM image
End
Modify Operation
Write Operation
use RAM image
(Figure x.x)
An image of the entire row read
must be stored in RAM
Figure 10-1
Figure 10-3
Figure 10-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com