Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 12Page - Texas Instruments PCM1738E/2K Datasheet HTML 13Page - Texas Instruments PCM1738E/2K Datasheet HTML 14Page - Texas Instruments PCM1738E/2K Datasheet HTML 15Page - Texas Instruments PCM1738E/2K Datasheet HTML 16Page - Texas Instruments PCM1738E/2K Datasheet HTML 17Page - Texas Instruments PCM1738E/2K Datasheet HTML 18Page - Texas Instruments PCM1738E/2K Datasheet HTML 19Page - Texas Instruments PCM1738E/2K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
www.ti.com
t
w(SCKH)
t
w(SCKL)
System Clock
2 V
0.8 V
H
L
T0005-13
t
(SCK)
Reset
T0014-11
ResetRemoval
1024SystemClocks
V
DD
2.4V(Max)
2V(Typ)
1.6V(Min)
InternalReset
SystemClock
Reset
T0015-07
ResetRemoval
1024SystemClocks
InternalReset
SystemClock
(Pin1)
RST
t
w(RST)
50%ofV
DD
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
PARAMETER
MIN
MAX
UNIT
t(SCK)
System clock cycle time
13
ns
tw(SCKH)
System clock pulse duration, HIGH
5
ns
tw(SCKL)
System clock pulse duration, LOW
5
ns
Figure 32. System Clock Input Timing
Figure 33. Power-On-Reset Timing
PARAMETER
MIN
MAX
UNIT
tw(RST)
Reset pulse duration, LOW
20
ns
Figure 34. External Reset Timing
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com