Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 28Page - Texas Instruments PCM1738E/2K Datasheet HTML 29Page - Texas Instruments PCM1738E/2K Datasheet HTML 30Page - Texas Instruments PCM1738E/2K Datasheet HTML 31Page - Texas Instruments PCM1738E/2K Datasheet HTML 32Page - Texas Instruments PCM1738E/2K Datasheet HTML 33Page - Texas Instruments PCM1738E/2K Datasheet HTML 34Page - Texas Instruments PCM1738E/2K Datasheet HTML 35Page - Texas Instruments PCM1738E/2K Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
www.ti.com
Analog Gain by Balanced Amplifier
REFERENCE CURRENT RESISTOR
APPLICATION FOR EXTERNAL DIGITAL FILTER INTERFACE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
WDCK(WordClock)
DATA-L
BCK
SCK
DATA-R
DF1704
DF1706
PMD200
Mode
Control
RST
ZEROL
ZEROR
WDCK(LRCK)
DATAL (DATA)
BCK
SCKI
DGND
V
DD
SCKO
MDO
MDI
MC
CS
V
3
CC
AGND2
I
OUTL–
I
OUTL+
V
CC2
V
CC1
V
COM3
I
REF
V
COM2
V
COM1
AGND1
I
OUTR+
I
OUTR–
DATAR(MUTE)
Analog
OutputStage
SameasStandard
Application
B0201-01
():OriginalPinName
APPLICATIONS FOR INTERFACING WITH THE EXTERNAL DIGITAL FILTER
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
The I/V converters are followed by balanced amplifier stages that sum the differential signals for each channel,
creating a single-ended voltage output. In addition, the balanced amplifiers provide a second-order, low-pass
filter function that band-limits the audio output signal. The cutoff frequency and gain is given by external R and C
component values. In the case of Figure 40, the cutoff frequency is 45 kHz with a gain of 1. The output voltage
for each channel is 6.2 Vp-p, or 2.2 Vrms.
As shown in the analog output application circuit, marked R1 on Figure 40, there is a resistor connected from
IREF (pin 21) to the analog ground, designated as R1. This resistor sets the current for the internal reference
circuit. The value of R1 must be 16 kΩ, ±1% in order to match the specified gain error shown in the Electrical
Characteristics table.
Figure 41. Connection Diagram for External Digital Filter (Internal DF Bypass Mode) Application
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as
it may provide improved stop-band attenuation or other special features not available with the PCM1738's
internal digital filter.
The PCM1738 supports the use of an external digital filter, including:
• The DF1704 and DF1706 from Texas Instruments
• Pacific Microsonics PMD100 HDCD filter/decoder ICs
• Programmable digital signal processors
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com