Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 36Page - Texas Instruments PCM1738E/2K Datasheet HTML 37Page - Texas Instruments PCM1738E/2K Datasheet HTML 38Page - Texas Instruments PCM1738E/2K Datasheet HTML 39Page - Texas Instruments PCM1738E/2K Datasheet HTML 40Page - Texas Instruments PCM1738E/2K Datasheet HTML 41Page - Texas Instruments PCM1738E/2K Datasheet HTML 42Page - Texas Instruments PCM1738E/2K Datasheet HTML 43Page - Texas Instruments PCM1738E/2K Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
www.ti.com
THEORY OF OPERATION
ADVANCED SEGMENT DAC
0–66
Digital Input
Analog
Output
Current
Segment
DAC
Advanced
DWA
0–62
Level
0–4
Level
Upper
6Bits
MSBand
Lower18Bits
ICOB
Decoder
3rd-Order,
5-Level,
Delta-Sigma
24-Bit8f
S
+
B0204-01
CONSIDERATIONS FOR APPLICATIONS CIRCUITS
PCB LAYOUT GUIDELINES
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Figure 48. Architecture of Advanced Segment DAC
The PCM1738 uses the newly developed advanced segment DAC architecture to achieve excellent dynamic
performance and improved tolerance to clock jitter. The PCM1738 provides balanced current outputs, allowing
the user to optimize analog performance externally. The structure of the advanced segment DAC architecture is
shown in Figure 48.
Digital input data from the digital interpolation filter is split into six upper bits and 18 lower bits. The upper six bits
are converted to inverted complementary offset binary (ICOB) code. The lower 18 bits associated with the MSB
are processed by five-level, third-order, delta-sigma modulators operated at 64 fS by default conditions. The level
of the modulator is equivalent to one LSB of the ICOB code converter (decoder). The data groups processed in
the ICOB converter and the third-order delta-sigma modulator are summed together to create up to 66 levels of
digital code that is then processed by data-weighted averaging (DWA) to reduce noise produced by element
mismatch. The output data from the DWA block is then converted to an analog output using a differential current
segment DAC.
A typical PCB floor plan for the PCM1738 is shown in Figure 49. A ground plane is recommended, with the
analog and digital sections being isolated from one another using a split or cut in the circuit board. The
PCM1738 should be oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct
connections to the digital audio interface and control signals originating from the digital section of the board.
Separate power supplies are recommended for the digital and analog sections of the board. This prevents the
switching noise present on the digital supply from contaminating the analog power supply and degrading the
dynamic performance of the DACs. In cases where a common 5-V supply must be used for the analog and
digital sections, an inductance (RF choke, ferrite bead) should be placed between the analog and digital 5-V
supply connections to avoid coupling of the digital switching noise into the analog circuitry. Figure 50 shows the
recommended approach for single supply applications.
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com