Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 19Page - Texas Instruments PCM1738E/2K Datasheet HTML 20Page - Texas Instruments PCM1738E/2K Datasheet HTML 21Page - Texas Instruments PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments PCM1738E/2K Datasheet HTML 24Page - Texas Instruments PCM1738E/2K Datasheet HTML 25Page - Texas Instruments PCM1738E/2K Datasheet HTML 26Page - Texas Instruments PCM1738E/2K Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
www.ti.com
REGISTER DEFINITIONS
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Table 4. Mode Control Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
16
W/R
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
17
W/R
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
18
W/R
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
19
W/R
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
CLKD
CLKE
FLT
INZD
20
W/R
0
0
1
0
1
0
0
RSV(1)
SRST
MRST
DFTH
MONO
CHSL
OS1
OS0
21
R
0
0
1
0
1
0
1
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
ZFGR
ZFGL
(1)
RSV is assigned for factory test operation.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 16
W/R
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
REGISTER 17
W/R
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
W/R
Read/Write Mode Select
When W/R = 0, a write operation is performed.
When W/R = 1, a read operation is performed.
Default value: 0
ATL/R[7:0]
Digital Attenuation Level Setting
These bits are read/write.
Default value: 1111 1111b
Each DAC output has a digital attenuator associated with it. The attenuator may be set from 0
db to –120 dB, in 0.5-dB steps. Alternatively, the attenuator may be set to infinite attenuation (or
mute).
The attenuation data for each channel can be set individually. However, the data load control
(ATLD bit of mode control register 18) is common to both attenuators. ATLD must be set to 1 in
order to change an attenuator's setting. The attenuation level may be set using the following
formula:
Attenuation level (dB) = 0.5 dB
× (ATL/R[7:0]
DEC– 255)
where ATL/R[7:0]DEC = 0 through 255
For ATL/R[7:0]DEC = 0 through 14, the attenuator is set to infinite attenuation.
The following table shows attenuator levels for various settings.
ATL/R[7:0]
Decimal Value
Attenuator Level Setting
1111 1111b
255
0 dB, no attenuation (default)
1111 1110b
254
–0.5 dB
1111 1101b
253
–1 dB
•
•
•
•
•
•
0001 0000b
16
119.5 dB
0000 1111b
15
120 dB
0000 1110b
14
Mute
•
•
•
•
•
•
0000 0000b
0
Mute
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com