Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 21Page - Texas Instruments PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments PCM1738E/2K Datasheet HTML 24Page - Texas Instruments PCM1738E/2K Datasheet HTML 25Page - Texas Instruments PCM1738E/2K Datasheet HTML 26Page - Texas Instruments PCM1738E/2K Datasheet HTML 27Page - Texas Instruments PCM1738E/2K Datasheet HTML 28Page - Texas Instruments PCM1738E/2K Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
DMF[1:0] Sampling Frequency Selection for the De-Emphasis Function
These bits are read/write.
Default value: 00
DMF[1:0]
De-Emphasis Same Rate Selection
00
Disabled (default)
01
48 kHz
10
44.1 kHz
11
32 kHz
The DMF[1:0] bits are used to select the sampling frequency used for the digital de-emphasis
function when it is enabled by setting the DME bit. The de-emphasis curves are shown in the
Typical Performance Curves section of this data sheet.
For DSD mode, analog FIR filter performance may be selected using this register. Filter response
plots are shown in the Typical Performance Curves section of this data sheet. The register map is
shown in the Application for DSD Format (DSD Mode) Interface section of this data sheet.
DME
Digital De-Emphasis Control
This bit is read/write.
Default value: 0
For DSD mode, DME must be set to 1.
DME = 0
De-emphasis disabled (default)
DME = 1
De-emphasis enabled
The DME bit is used to enable or disable the de-emphasis function for both channels.
MUTE
Soft-Mute Control
This bit is read/write.
Default value: 0
MUTE = 0
MUTE disabled (default)
MUTE = 1
MUTE enabled
The MUTE bit is used to enable the soft-mute function for both channels. The mute function is also
available through the MUTE control input (pin 15). Soft mute is performed by using the 256-step
attenuator, cycling one step per time interval to – (mute). The time interval is set by the rate select
bit (ATS), located in register 19.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com