Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 32Page - Texas Instruments PCM1738E/2K Datasheet HTML 33Page - Texas Instruments PCM1738E/2K Datasheet HTML 34Page - Texas Instruments PCM1738E/2K Datasheet HTML 35Page - Texas Instruments PCM1738E/2K Datasheet HTML 36Page - Texas Instruments PCM1738E/2K Datasheet HTML 37Page - Texas Instruments PCM1738E/2K Datasheet HTML 38Page - Texas Instruments PCM1738E/2K Datasheet HTML 39Page - Texas Instruments PCM1738E/2K Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ti.com
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AlwaysSetLOW
DATA-L
AlwaysSetLOW
BitClock(n
f )
´ S
DATA-R
DSDDecoder
Mode
Control
RST
ZEROL
ZEROR
N/A (LRCK)
DATAL (DATA)
N/A (BCK)
BCK(SCKI)
DGND
V
DD
SCKO
MDO
MDI
MC
CS
V
3
CC
AGND2
I
OUTL–
I
OUTL+
V
CC2
V
CC1
V
COM3
I
REF
V
COM2
V
COM1
AGND1
I
OUTR+
I
OUTR–
DATAR(MUTE)
Analog
OutputStage
SameasStandard
Application
B0202-01
():OriginalPinName
FEATURES
PIN ASSIGNMENT WHEN IN DSD-FORMAT INTERFACE
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Figure 44. Connection Diagram for DSD Format Interface
This mode is used for interfacing directly to a DSD decoder, found in Super Audio CD (SACD) applications.
DSD mode provides a low-pass filtering function to convert the 1-bit oversampled data stream to the analog
domain. The filtering is provided using an analog FIR filter structure. Four FIR responses are available and may
be selected via the serial control interface. Refer to the Typical Performance Curves section of this data sheet
for analog FIR plots. See Figure 45 and Figure 46 for timing and interface specification in DSD mode.
Several pins are redefined for DSD-mode operation. These include:
• DATA (pin 5)—DATAL, L-channel DSD data input
• MUTE (pin 15)—DATAR, R-channel DSD data input
• SCKI (pin 7)—bit clock (BCK) for DSD data
• LRCK (pin 4)—set LOW
• BCK (pin 6)—set LOW
Typical connection to a DSD decoder is shown in Figure 44.
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com