Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments PCM1738E/2K Datasheet HTML 24Page - Texas Instruments PCM1738E/2K Datasheet HTML 25Page - Texas Instruments PCM1738E/2K Datasheet HTML 26Page - Texas Instruments PCM1738E/2K Datasheet HTML 27Page - Texas Instruments PCM1738E/2K Datasheet HTML 28Page - Texas Instruments PCM1738E/2K Datasheet HTML 29Page - Texas Instruments PCM1738E/2K Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 19
W/R
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
CLKD
CLKE
FLT
INZD
W/R
Read/Write Mode Control
When W/R = 0, a write operation is performed.
When W/R = 1, a read operation is performed.
Default value: 0
REV
Output Phase Reversal
This bit is read/write.
Default value: 0
REV = 0
Normal output (default)
REV = 1
Inverted output
The REV bit is used to invert the output phase for both the left and right channels.
ATS[1:0] Attenuation Rate Select
This bit is read/write.
Default value: 00
ATS[1:0]
Attenuation Rate Selection
00
LRCK (default)
01
1/2
× LRCK
10
1/4
× LRCK
11
1/8
× LRCK
The ATS[1:0] bits are used to select the rate at which the attenuator is decremented or incremented
during level transitions.
OPE
DAC Operation Control
This bit is read/write.
Default value: 0
OPE = 0
DAC operation enabled (default)
OPE = 1
DAC operation disabled
The OPE bit is used to enable or disable the analog output for both channels. Disabling the analog
outputs forces them to the bipolar zero level (BPZ), ignoring the audio data input(s).
CLKD
SCKO Frequency Selection
This bit is read/write.
Default value: 0
CLKD = 0
Full-rate, fSCKO = fSCKI (default)
CLKD = 1
Half-rate, fSCKO = fSCKI/2
The CLKD bit is used to determine the output frequency at the system clock output pin, SCKO.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com