Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 13Page - Texas Instruments PCM1738E/2K Datasheet HTML 14Page - Texas Instruments PCM1738E/2K Datasheet HTML 15Page - Texas Instruments PCM1738E/2K Datasheet HTML 16Page - Texas Instruments PCM1738E/2K Datasheet HTML 17Page - Texas Instruments PCM1738E/2K Datasheet HTML 18Page - Texas Instruments PCM1738E/2K Datasheet HTML 19Page - Texas Instruments PCM1738E/2K Datasheet HTML 20Page - Texas Instruments PCM1738E/2K Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
www.ti.com
AUDIO DATA INTERFACE
AUDIO SERIAL INTERFACE
AUDIO DATA FORMATS AND TIMING
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
The audio serial interface for the PCM1738 consists of a 3-wire synchronous serial port. It includes LRCK (pin
4), BCK (pin 6), and DATA (pin 5). BCK is the serial audio bit clock, used to clock the serial data present on
DATA into the audio interface serial shift register. Serial data is clocked into the PCM1738 on the rising edge of
BCK. LRCK is the serial audio left/right word clock, used to latch serial data into the serial audio interface
internal registers.
LRCK should be synchronous to the system clock. In the event these clocks are not synchronized, the
PCM1738 can compensate for the phase difference internally. If the phase difference between LRCK and SCKI
is greater than six bit clocks (BCK), the synchronization is performed internally. While the synchronization is
processing, the analog output is forced to the bipolar zero level. The synchronization typically occurs in less than
one cycle of LRCK.
Ideally, it is recommended that LRCK and BCK be derived from the system clock input or output, SCKI or
SCKO. The left/right clock (LRCK) is operated at the sampling frequency, fS.
The PCM1738 supports industry-standard audio data formats, including standard right-justified, I2S, and
left-justified. The data formats are shown in Figure 35. Data formats are selected using the format bits, FMT
[2:0], in mode control register 18. The default data format is 16-bit standard. All formats require binary
2s-complement, MSB-first audio data. Figure 36 shows a detailed timing diagram for the serial audio interface.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com