Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 18Page - Texas Instruments PCM1738E/2K Datasheet HTML 19Page - Texas Instruments PCM1738E/2K Datasheet HTML 20Page - Texas Instruments PCM1738E/2K Datasheet HTML 21Page - Texas Instruments PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments PCM1738E/2K Datasheet HTML 24Page - Texas Instruments PCM1738E/2K Datasheet HTML 25Page - Texas Instruments PCM1738E/2K Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Table 3. User-Programmable Mode Controls
FUNCTION
DEFAULT
REGISTER
BIT
FUNCTIONS AVAILABLE FOR BOTH WRITE AND READ
Digital attenuation control
0 dB
16 for L-channel
ATL[7:0]
0 dB to –120 dB in 0.5-dB steps
17 for R-channel
ATR[7:0]
Attenuation load control
Attenuation disabled
18
ATLD
Disabled, enabled
Attenuation speed selection
×1 f
S
19
ATS[1:0]
×1 f
S, ×(1/2) fS, ×(1/4) fS, ×(1/8) fS
Soft mute control
Mute disabled
18
MUTE
Mute disabled, enabled
Infinite zero mute control
Disabled
19
INZD
Disabled, enabled
Input audio data format selection
16-bit standard format
18
FMT[2:0]
16-, 20-, 24-bit standard (right-justified) format
24-bit, MSB-first, left-justified format
16-, 24-bit I2S format
De-emphasis control
De-emphasis disabled
18
DME
Disabled, enabled
Sampling rate selection for de-emphasis
De-emphasis disabled
18
DMF[1:0]
Disabled, 44.1 kHz, 48 kHz, 32 kHz
Digital filter rolloff selection
Sharp rolloff
19
FLT
Sharp rolloff, slow rolloff
Output phase reversal
Normal
19
REV
Normal, reversed
DAC operation control
DAC operation
19
OPE
Enabled, disabled
enabled
System clock (SCKO) output control
Output enabled
19
CLKE
Output Enabled, disabled
System clock (SCKO) rate control
SCKI
19
CLKD
SCKI, SCKI/2
System reset control
Normal operation
20
SRST
Reset operation, normal operation
Mode control register reset control
Normal operation
20
MRST
Reset operation, normal operation
Digital-filter bypass control
DF enabled
20
DFTH
DF enabled, DF bypassed
Delta-sigma oversampling rate selection
×64 f
S
20
OS[1:0]
×64 f
S, ×128 fS, ×32 fS
Monaural mode selection
Stereo
20
MONO
Stereo, monaural
Channel selection for monaural mode data
L-channel
20
CHSL
L-channel, R-channel
FUNCTIONS AVAILABLE ONLY FOR READ
Zero detection flag
Not zero = 0
21
ZFGL for L-channel
Not zero, zero detected
Zero detected = 1
ZFGR for R-channel
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com