Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 15Page - Texas Instruments PCM1738E/2K Datasheet HTML 16Page - Texas Instruments PCM1738E/2K Datasheet HTML 17Page - Texas Instruments PCM1738E/2K Datasheet HTML 18Page - Texas Instruments PCM1738E/2K Datasheet HTML 19Page - Texas Instruments PCM1738E/2K Datasheet HTML 20Page - Texas Instruments PCM1738E/2K Datasheet HTML 21Page - Texas Instruments PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
www.ti.com
t
w(BCH)
t
w(BCL)
t
(LB)
t
(BCY)
LRCK
BCK
DATA
t
(DS)
1.4V
1.4V
1.4V
T0010-10
t
(DH)
t
(BL)
HighImpedance
WhenReadModeisInstructed
A0
D7
D6
D4
D5
D3
D2
D1
D0
D7
D6
D4
D5
D3
D2
D1
D0
W/R
A1
A2
A3
A4
A5
A6
CS
MC
MDI
MDO
T0048-05
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK clock cycle time
70
ns
tw(BCL)
BCK low-level time
30
ns
tw(BCH)
BCK high-level time
30
ns
t(BL)
BCK rising edge to LRCK edge
10
ns
LRCK falling edge to BCK rising
t(LB)
10
ns
edge
t(DS)
DATA setup time
10
ns
t(DH)
DATA hold time
10
ns
–
LRCK clock duty cycle
50% – 2 bit clocks
50% + 2 bit clocks
Figure 36. Audio Interface Timing
NOTE: B15 is used for the selection of write or read. Setting W/R = 0 indicates a write, while W/R = 1 indicates a read.
B14–B8 are used for the register address.
B7–B0 are used for frgister data.
Figure 37. Serial Control Format
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com