Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 31Page - Texas Instruments PCM1738E/2K Datasheet HTML 32Page - Texas Instruments PCM1738E/2K Datasheet HTML 33Page - Texas Instruments PCM1738E/2K Datasheet HTML 34Page - Texas Instruments PCM1738E/2K Datasheet HTML 35Page - Texas Instruments PCM1738E/2K Datasheet HTML 36Page - Texas Instruments PCM1738E/2K Datasheet HTML 37Page - Texas Instruments PCM1738E/2K Datasheet HTML 38Page - Texas Instruments PCM1738E/2K Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
OS[1:0]
Delta-Sigma Oversampling Rate Selection
These bits are available for read/write.
Default Value: 00
OS[1:0]
Operation Speed Select
00
8
× f
WDCK (default)
01
Reserved
10
16
× f
WDCK
11
4
× f
WDCK
The effective oversampling rate is determined by the oversampling performed by both the external
digital filter and the delta-sigma modulator. For example, if the external digital filter is 8
×
oversampling, and the user selects OS[1:0] = 0, then the delta-sigma modulator oversamples by 8
×,
resulting in an effective oversampling rate of 64
×.
ZFGx
Zero-Detect Flag
where x = L or R, corresponding to the DAC output channel.
These bits are available only for read-back.
Default value: 00
ZFGx = 0
Not ZERO
ZFGx = 1
ZERO detected
When the PCM1738 detects that audio input data is continuously zero for 1024 WDCKs, the ZFGx
bit is set to 1 for the corresponding channel(s). Zero-detect flags are also available at ZEROL (pin
2) and ZEROR (pin 3).
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com