Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 37 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 33Page - Texas Instruments PCM1738E/2K Datasheet HTML 34Page - Texas Instruments PCM1738E/2K Datasheet HTML 35Page - Texas Instruments PCM1738E/2K Datasheet HTML 36Page - Texas Instruments PCM1738E/2K Datasheet HTML 37Page - Texas Instruments PCM1738E/2K Datasheet HTML 38Page - Texas Instruments PCM1738E/2K Datasheet HTML 39Page - Texas Instruments PCM1738E/2K Datasheet HTML 40Page - Texas Instruments PCM1738E/2K Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
www.ti.com
t=1/(64
44.1kHz)
´
DATAL
DATAR
BCK
D0
D1
D2
D3
D4
T0229-01
t
w(BCH)
t
w(BCL)
t
(BCY)
BCK
DATAL
DATAR
t
(DS)
1.4V
1.4V
T0010-11
t
(DH)
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Figure 45. Normal Data Output Form From DSD Decoder
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK clock cycle time
85(1)
ns
tw(BCH)
BCK high-level time
30
ns
tw(BCL)
BCK low-level time
30
ns
t(DS)
DATAL, DATAR setup time
10
ns
t(DH)
DATAL, DATAR hold time
10
ns
(1)
2.8224 MHz
× 4. (2.8224 MHz = 64 × 44.1 kHz. This value is specified at the DSD sampling rate.)
Figure 46. Timing for DSD Audio Interface
37
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com