Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1738E/2K
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 6Page - Texas Instruments PCM1738E/2K Datasheet HTML 7Page - Texas Instruments PCM1738E/2K Datasheet HTML 8Page - Texas Instruments PCM1738E/2K Datasheet HTML 9Page - Texas Instruments PCM1738E/2K Datasheet HTML 10Page - Texas Instruments PCM1738E/2K Datasheet HTML 11Page - Texas Instruments PCM1738E/2K Datasheet HTML 12Page - Texas Instruments PCM1738E/2K Datasheet HTML 13Page - Texas Instruments PCM1738E/2K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VCC − Supply Voltage − V
112
113
114
115
116
117
118
119
120
4.50
4.75
5.00
5.25
5.50
fS = 96 kHz
fS = 44.1 kHz
G013
TA − Free-Air Temperature − °C
112
113
114
115
116
117
118
119
120
−40
−20
0
20
40
60
80
100
fS = 96 kHz
fS = 44.1 kHz
G014
VCC − Supply Voltage − V
112
113
114
115
116
117
118
119
120
4.50
4.75
5.00
5.25
5.50
fS = 96 kHz
fS = 44.1 kHz
G015
TA − Free-Air Temperature − °C
112
113
114
115
116
117
118
119
120
−40
−20
0
20
40
60
80
100
fS = 96 kHz
fS = 44.1 kHz
G016
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
All specifications at T
A = 25°C, VDD = 3.3 V, VCC = 5 V, SCKI = 256 fS (fS = 44.1 kHz), and 24-bit input data (unless otherwise
noted).
DYNAMIC RANGE vs VCC
DYNAMIC RANGE vs TEMPERATURE
Figure 13.
Figure 14.
SIGNAL-TO-NOISE RATIO vs VCC
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Figure 15.
Figure 16.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com