Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 42Page - STMicroelectronics L99PM72GXP Datasheet HTML 43Page - STMicroelectronics L99PM72GXP Datasheet HTML 44Page - STMicroelectronics L99PM72GXP Datasheet HTML 45Page - STMicroelectronics L99PM72GXP Datasheet HTML 46Page - STMicroelectronics L99PM72GXP Datasheet HTML 47Page - STMicroelectronics L99PM72GXP Datasheet HTML 48Page - STMicroelectronics L99PM72GXP Datasheet HTML 49Page - STMicroelectronics L99PM72GXP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
Protection and diagnosis
L99PM72GXP
46/129
DocID024767 Rev 4
The PWM 1/3 channels start a PWM period with the ON phase, while the PWM 2/4
channels start with the OFF phase. In this way it is possible to use the 4 PWM channels in a
phase shifted way. The picture below shows this feature with a duty cycle of 25% for both
PWM channels.
Figure 24. Phase shifted PWM
3.4
Low side driver outputs REL1, REL2
The outputs REL1, REL2 (RDSon =2 Ω typ. @25 °C) are specially designed to drive relay
loads.
The outputs provide an active output zener clamping (45 V typ.) feature for the
demagnetization of the relay coil, even though a load dump condition exists.
For Fail_safe reasons the relay drivers are linked with the fail safe operation: In case of
entering the Fail Safe Mode, the relay drivers switch off and the SPI control bits are set to
default (i.e. driver is off).
The low side drivers switch off in case of:
•
VS overvoltage and undervoltage
•
Overcurrent
•
Overtemperature with pre warning
OUT3
PWM 3
-
OUT4
PWM 4
Timer 2
OUTHS
PWM 3 / PWM 4
Timer 1 / Timer 2
Table 8. PWM configuration for high-side outputs (continued)
High side output
PWM channel
Internal timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com