Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 13Page - STMicroelectronics L99PM72GXP Datasheet HTML 14Page - STMicroelectronics L99PM72GXP Datasheet HTML 15Page - STMicroelectronics L99PM72GXP Datasheet HTML 16Page - STMicroelectronics L99PM72GXP Datasheet HTML 17Page - STMicroelectronics L99PM72GXP Datasheet HTML 18Page - STMicroelectronics L99PM72GXP Datasheet HTML 19Page - STMicroelectronics L99PM72GXP Datasheet HTML 20Page - STMicroelectronics L99PM72GXP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 129 page
background image
DocID024767 Rev 4
17/129
L99PM72GXP
Detailed description
128
2.1.5
Voltage regulator behavior
Figure 7. Voltage regulator behaviour and diagnosis during supply voltage ramp-up / ramp-down
conditions
2.2
Operating modes
The L99PM72GXP can be operated in 4 different operating modes:
•
Active
•
FLASH
•
V1_standby
•
VBat_standby
A cyclic monitoring of wake-up inputs and a periodic interrupt / wake-up by timer is available
in standby modes.
2.2.1
Active Mode
All functions are available and the device is controlled by the ST SPI Interface.
2.2.2
Flash Mode
To program the system microcontroller via LIN or HS CAN bus signals, the device can be
operated in LIN Flash Mode or CAN Flash Mode where the internal watchdog is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com