Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 33Page - STMicroelectronics L99PM72GXP Datasheet HTML 34Page - STMicroelectronics L99PM72GXP Datasheet HTML 35Page - STMicroelectronics L99PM72GXP Datasheet HTML 36Page - STMicroelectronics L99PM72GXP Datasheet HTML 37Page - STMicroelectronics L99PM72GXP Datasheet HTML 38Page - STMicroelectronics L99PM72GXP Datasheet HTML 39Page - STMicroelectronics L99PM72GXP Datasheet HTML 40Page - STMicroelectronics L99PM72GXP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 129 page
background image
DocID024767 Rev 4
37/129
L99PM72GXP
Detailed description
128
mode (SW_EN = 0) the automatic voltage biasing is disabled and the transceiver biasing
works according to ISO 11898-5.
There is no automatic state transition into TRX Normal Mode in case of a detected CAN
wake-up (WUF or WUP). After serving the interrupt the micro controller can initiate a state
transition into TRX Normal Mode by setting the SPI bit CAN_ACT to '1'.
TRX_SLEEP (SW_EN=1)
The CAN and LIN Transceivers are disabled. The CAN selective wakeup reference
oscillator is off, while the receiver is in low power mode.
After the detection of CAN communication (WUP), the transceiver enters
'PN_TRX_selective_sleep' mode, starts the oscillator and decodes the CAN frame.
'TRX_SLEEP' mode is entered automatically after a CAN communication timeout.
PN TRX Selective Sleep (SW_EN=1)
In this mode the CAN frame detection logic is enabled (receiver and reference oscillator
enabled). In case of receiving a wake up frame (WUF) a state transition to 'CAN
TRX_STBY' is done. After the biasing has been switched on, not more than four CAN
frames are ignored before a wake-up frame is recognized and the device wakes up.
If there is no CAN communication and the CAN bus is recessive for longer than tsilence, an
automatic state transition to 'TRX_SLEEP' is done.
In case of a Frame-Detect-Error (SR4, FDERR=1), an automatic wake up is performed and
the selective wakeup feature is disabled (SW_EN=0).
Oscillator monitoring
While selective wake-up is enabled, a timer is started with each recessive to dominant edge.
If after the expiration of 300 µs on this timer less than 6 recessive bits are counted, an
oscillator fail is detected and the osc_mon bit is set to '1'. Subsequently the device enters
wake-up mode according to ISO11898-5 (wake-up pattern wake-up).
2.9.2
Sequence for enabling selective wakeup
After power-on reset the selective wakeup feature is disabled.
The Configuration Registers 7 to 15 have to be read and verified by the microcontroller in
order to ensure a valid configuration. A read operation to Registers 7 to 15 is required to
allow enabling the selective wake-up feature (set SW_EN=1).
A valid read operation is indicated by the SW_RDxx bits in SR 4. The SW_RDxx bits are
reset to 0 with every WRITE operation.
When all SW_RD bits are set, the SW_EN bit in CR 16 can be set to enable the Selective
Wakeup function. In case the SYSERROR bit in SR 4 is set while Selective Wakeup is
enabled, the Selective Wakeup is automatically disabled. In case SYSERROR is set,
enabling the Selective Wakeup function is prohibited.
2.9.3
CAN error handling
The L99PM72GXP provides the following four error handling features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com