Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 85 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 81Page - STMicroelectronics L99PM72GXP Datasheet HTML 82Page - STMicroelectronics L99PM72GXP Datasheet HTML 83Page - STMicroelectronics L99PM72GXP Datasheet HTML 84Page - STMicroelectronics L99PM72GXP Datasheet HTML 85Page - STMicroelectronics L99PM72GXP Datasheet HTML 86Page - STMicroelectronics L99PM72GXP Datasheet HTML 87Page - STMicroelectronics L99PM72GXP Datasheet HTML 88Page - STMicroelectronics L99PM72GXP Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 129 page
background image
DocID024767 Rev 4
85/129
L99PM72GXP
ST SPI
128
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the content of the register to be read.
Figure 43. Format of data shifted out at SDO during read and clear status operation
6.1.11
Read device information
The device information is stored at the ROM addresses defined below and is read using the
respective operating code.
Table 67.
Read device information
Op Code
ROM address
Device information
Value
OC1
OC0
1
1
3FH
Reserved
00
11
3EH
<SPI frame ID>
Includes frame width and availability of watchdog
42 Hex
1
1
04H to 3DH
unused
00
11
03H
<product code 2>
Unique product identifier
27h
11
02H
<product code 1>
Unique product identifier
4Bh
11
01H
<silicon version>
Indicates Design Version
05h
11
00H
<ID Header>
Device family max address of device information
43 Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com