Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 36Page - STMicroelectronics L99PM72GXP Datasheet HTML 37Page - STMicroelectronics L99PM72GXP Datasheet HTML 38Page - STMicroelectronics L99PM72GXP Datasheet HTML 39Page - STMicroelectronics L99PM72GXP Datasheet HTML 40Page - STMicroelectronics L99PM72GXP Datasheet HTML 41Page - STMicroelectronics L99PM72GXP Datasheet HTML 42Page - STMicroelectronics L99PM72GXP Datasheet HTML 43Page - STMicroelectronics L99PM72GXP Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
Detailed description
L99PM72GXP
40/129
DocID024767 Rev 4
pattern must be sent on the bus. With the detection of the wake up pattern an automatic
state transition to ‘PN_TRX_Selective_Sleep’ state is done. WUP flag is set.
In ‘PN_TRX_Selective_Sleep’ the CAN frame detection logic is enabled. If a valid wake up
frame is detected a state transition to TRX_STBY is done, the WUF flag is set and the micro
is powered up. The remote transition request bit is ignored in wake-up frames. Also masking
of the data length code (DLC) bits is not supported.
After expiration of the frame error counter (FEC), a wake up is performed and the selective
wakeup feature is disabled.
The frame-error-counter (FEC) is cleared after each expiration of the time tsilence whenever
the frame detection logic is enabled.
2.9.5
CAN receive only mode
With the CAN_rec_only bit in Control register 4 it is possible to disable the CAN Transmitter
in active mode. In this mode it is possible to listen to the bus but not sending to it. The
Receiver termination network is still activated in this mode.
2.9.6
CAN looping mode
If the CAN_Loop_en bit in Control register 4 is set the TxDC input is mapped directly to the
RxDC pin. This mode can be used in combination with the CAN Receive only mode, to run
diagnosis for the CAN protocol handler of the micro controller.
2.10
Serial Peripheral Interface (ST SPI Standard 3.0)
A 24 bit SPI is used for bi-directional communication with the micro controller.
During active mode, the SPI
•
triggers the watchdog
•
controls the modes and status of all L99PM72GXP modules (incl. input and output
drivers)
•
provides driver output diagnostic
•
provide L99PM72GXP diagnostic (incl. over temperature warning, L99PM72GXP
operation status)
The SPI can be driven by a micro controller with its SPI peripheral running in
following mode: CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
This device is not limited to micro controller with a built-in SPI. Only three CMOS-compatible
output pins and one input pin are needed to communicate with the device. A fault condition
can be detected by setting CSN to low. If CSN = 0, the DO pin reflects the global error flag
(fault condition) of the device.
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the
output pin (DO) is in high impedance state. A low signal activates the output driver and a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com