Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 38Page - STMicroelectronics L99PM72GXP Datasheet HTML 39Page - STMicroelectronics L99PM72GXP Datasheet HTML 40Page - STMicroelectronics L99PM72GXP Datasheet HTML 41Page - STMicroelectronics L99PM72GXP Datasheet HTML 42Page - STMicroelectronics L99PM72GXP Datasheet HTML 43Page - STMicroelectronics L99PM72GXP Datasheet HTML 44Page - STMicroelectronics L99PM72GXP Datasheet HTML 45Page - STMicroelectronics L99PM72GXP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 129 page
background image
Protection and diagnosis
L99PM72GXP
42/129
DocID024767 Rev 4
3
Protection and diagnosis
3.1
Power supply fail
Overvoltage and undervoltage detection on VS
3.1.1
VS overvoltage
If the supply voltage VS reaches the over voltage threshold (VSOV):
•
Outputs OUTx, RELx and LIN are switched to high impedance state (load protection).
CAN is not disabled. Recovery of outputs when the overvoltage condition disappears is
depending on the setting of VLOCK_OUT_EN bit in Control Register 4.
–
VLOCK_OUT_EN = 1: Outputs are off until read and clear SR3.
–
VLOCK_OUT_EN = 0: Outputs switch automatically on when overvoltage
condition disappears.
•
The over voltage bit is set and can be cleared with a ‘Read and Clear’ command. The
overvoltage bit is removed automatically if VLOCK_OUT_EN = 0 and the overvoltage
condition disappears.
•
Outputs REL1,2 can be excluded from a shutdown in case of overvoltage by SPI
(LS_OV/UV_shutdown_en in CR4)
3.1.2
VS undervoltage
If the supply voltage VS drops below the under voltage threshold voltage (VSUV)
•
Outputs OUTx, RELx and LIN are switched to high impedance state (load protection).
CAN is not disabled. Recovery of outputs when the undervoltage condition disappears
is depending on the setting of VLOCK_OUT_EN bit.
–
VLOCK_OUT_EN = 1: Outputs are off until read and clear SR3.
–
VLOCK_OUT_EN = 0: Outputs switch on automatically when undervoltage
condition disappears.
•
The undervoltage bit is set and can be cleared with a ‘Read and Clear’ command. The
undervoltage bit is removed automatically if VLOCK_OUT_EN = 0 and the
undervoltage condition disappears
•
Outputs REL1,2 can be excluded from a shutdown in case of undervoltage by SPI
(LS_OV/UV_shutdown_en in CR4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com