Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 95 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 91Page - STMicroelectronics L99PM72GXP Datasheet HTML 92Page - STMicroelectronics L99PM72GXP Datasheet HTML 93Page - STMicroelectronics L99PM72GXP Datasheet HTML 94Page - STMicroelectronics L99PM72GXP Datasheet HTML 95Page - STMicroelectronics L99PM72GXP Datasheet HTML 96Page - STMicroelectronics L99PM72GXP Datasheet HTML 97Page - STMicroelectronics L99PM72GXP Datasheet HTML 98Page - STMicroelectronics L99PM72GXP Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 129 page
background image
DocID024767 Rev 4
95/129
L99PM72GXP
ST SPI
128
6.2.4
Control Register 2
2
STBY_SEL
Select standby mode
0VBat_standby mode
1V1_standby mode
1
GO_STBY
Execute standby mode
0
No action
1
Execute standby mode
0
TRIG
Trigger Bit for Watchdog
Table 79. Control register 1, bits (continued)
Bit
Name
Comment
Table 80. Control register 2: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
1
0
Data, 8bit
Data, 8 bit
Table 81. Control register 2, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0
000000
00000
111
Function
Group
Wakeup control
Wakeup control
Table 82. Control register 2, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
Must be kept at default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com