Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 72 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 68Page - STMicroelectronics L99PM72GXP Datasheet HTML 69Page - STMicroelectronics L99PM72GXP Datasheet HTML 70Page - STMicroelectronics L99PM72GXP Datasheet HTML 71Page - STMicroelectronics L99PM72GXP Datasheet HTML 72Page - STMicroelectronics L99PM72GXP Datasheet HTML 73Page - STMicroelectronics L99PM72GXP Datasheet HTML 74Page - STMicroelectronics L99PM72GXP Datasheet HTML 75Page - STMicroelectronics L99PM72GXP Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
Electrical specifications
L99PM72GXP
72/129
DocID024767 Rev 4
thold DI
DI hold time
V1 =5 V
200
—
ns
tr in
rise time of input signal DI, CLK,
CSN
V1 =5 V
—
100
ns
tf in
fall time of input signal DI, CLK,
CSN
V1 =5 V
—
100
ns
1.
See Figure 35: SPI input timing.
Table 39. Output: DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
output low level
V1 =5 V; ID =-4 mA
0.5
V
VDOH
output high level
V = 5 V; ID =4 mA
4.5
V
IDOLK
tristate leakage current
VCSN =V1; 0 V < VDO <V1
-10
10
µA
CDO
tristate input capacitance
VCSN =V1;
0V < V1 <5.3 V
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
10
15
pF
Table 40. DO timing(1)
1.
See Figure 36: SPI output timing (part 1).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF; ILOAD =-1 mA
—
50
100
ns
tf DO
DO fall time
CL = 100 pF; ILOAD =1 mA
—
50
100
ns
ten DO tri L
DO enable time from
tristate to low level
CL = 100 pF; ILOAD =1 mA;
pull-up load to V1
—50
250
ns
tdis DO L tri
DO disable time from
low level to tristate
CL = 100 pF; ILOAD =4 mA;
pull-up load to V1
—50
250
ns
ten DO tri H
DO enable time from
tristate to high level
CL = 100 pF; ILOAD = -1 mA;
pull-down load to GND
—50
250
ns
tdis DO H tri
DO disable time from
high level to tristate
CL = 100 pF; ILOAD = -4 mA;
pull-down load to GND
—50
250
ns
td DO
DO delay time
VDO <0.3 V1; VDO >0.7 V1;
CL = 100 pF
—50
250
ns
Table 41. CSN timing(1)
1.
See Figure 37: SPI CSN - output timing.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCSN_HI,min
Minimum CSN HI
time, active mode
Transfer of SPI-command to
Input Register
6µs
tCSNfail
CSN low timeout
20
35
50
ms
Table 38. DI timing(1) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com