Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 96 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 92Page - STMicroelectronics L99PM72GXP Datasheet HTML 93Page - STMicroelectronics L99PM72GXP Datasheet HTML 94Page - STMicroelectronics L99PM72GXP Datasheet HTML 95Page - STMicroelectronics L99PM72GXP Datasheet HTML 96Page - STMicroelectronics L99PM72GXP Datasheet HTML 97Page - STMicroelectronics L99PM72GXP Datasheet HTML 98Page - STMicroelectronics L99PM72GXP Datasheet HTML 99Page - STMicroelectronics L99PM72GXP Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 129 page
background image
ST SPI
L99PM72GXP
96/129
DocID024767 Rev 4
6.2.5
Control Register 3
13, 12
WU3_Filt
Wakeup filter configuration
11, 10
WU2_Filt
MSB
LSB
9, 8
WU1_Filt
0
0
Static, 64 µs
0
1
Enabled with timer 2; 80 µs blank
1
0
Enabled with timer 2; 800 µs blank
1
1
Enabled with timer 1; 800 µs blank
7
Reserved
Must be kept at default
6
WU3_Pu/Pd Pull up or pull down configuration
5
WU2_Pu/Pd
0
Pull down
4
WU1_Pu/Pd
1
Pull up
3
Reserved
Must be kept at default
2
WU3_EN
Enable Wake up source
1
WU2_EN
0
Disable
0
WU1_EN
1
Enable
Table 82. Control register 2, bits (continued)
Bit
Name
Comment
Table 83. Control register 3: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
1
1
Data, 8bit
Data, 8 bit
Table 84. Control register 3, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
000000
0000001100
Function
Reserved
Group
Timer Settings
Watchdog and cyclic wake up settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com