Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 61Page - STMicroelectronics L99PM72GXP Datasheet HTML 62Page - STMicroelectronics L99PM72GXP Datasheet HTML 63Page - STMicroelectronics L99PM72GXP Datasheet HTML 64Page - STMicroelectronics L99PM72GXP Datasheet HTML 65Page - STMicroelectronics L99PM72GXP Datasheet HTML 66Page - STMicroelectronics L99PM72GXP Datasheet HTML 67Page - STMicroelectronics L99PM72GXP Datasheet HTML 68Page - STMicroelectronics L99PM72GXP Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
DocID024767 Rev 4
65/129
L99PM72GXP
Electrical specifications
128
Cin,diff
Differential internal
capacitance
Guaranteed by
design
10
20
pF
VTHdom
(1)
Differential receiver
threshold voltage
recessive to
dominant state
(Normal Mode)
Active mode
0.9
V
VTHdomLP
(1)
Differential receiver
threshold voltage
recessive to
dominant state (Low
Power Mode)
V1_standby mode
1.15
V
VTHrec
(1)
Differential receiver
threshold voltage
dominant to
recessive state
(Normal Mode)
Active mode
0.5
V
VTHrecLP
(1)
Differential receiver
threshold voltage
dominant to
recessive state (Low
Power Mode)
V1_standby mode
0.4
V
1.
Parameter evaluated with specific Rtest =60 Ω, guaranteted by characterization.
2.
Guaranteed by design.
Table 29. CAN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tTXpd,hl
Propagation delay
TxDC to RxDC (high to
low)
Active mode; RL =60 Ω;
CL =100 pF; CRXDC =15pF;
fTXDC =250 kHz
255
ns
tTXpd,lh
Propagation delay
TxDC to RxDC (low to
high)
Active mode; RL =60 Ω;
CL = 100 pF; CRXDC =15pF;
fTXDC =250 kHz
255
ns
tfilter
Wake up filter time
0.5
5
µs
tdom(TxDC)
TxDC dominant time-
out
Tested by scan and oscillator
0.8
2
5
ms
tCAN
CAN permanent
dominant time-out
700
µs
tsilence
CAN timeout
600
700
1200
ms
Table 28. CAN transmitter and receiver: pins CANH and CANL (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com