Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 94 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 90Page - STMicroelectronics L99PM72GXP Datasheet HTML 91Page - STMicroelectronics L99PM72GXP Datasheet HTML 92Page - STMicroelectronics L99PM72GXP Datasheet HTML 93Page - STMicroelectronics L99PM72GXP Datasheet HTML 94Page - STMicroelectronics L99PM72GXP Datasheet HTML 95Page - STMicroelectronics L99PM72GXP Datasheet HTML 96Page - STMicroelectronics L99PM72GXP Datasheet HTML 97Page - STMicroelectronics L99PM72GXP Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
ST SPI
L99PM72GXP
94/129
DocID024767 Rev 4
7
REL2
Select mode of REL2
REL2
Mode
0
REL2 off
Active and
standby
mode
1
REL2 on
Active
mode
6
REL1
Select mode of REL1
REL1
Mode
0
REL1 off
Active and
standby
mode
1
REL1 on
Active
mode
5V2
4
V2_2
V2_1
00
V2 OFF in all modes
01
V2 ON in active mode; OFF in
V1/VBat_standby mode
10
V2 ON in Active/V1_standby mode;
OFF in VBat_standby mode
11
V2 ON in all modes
3
Parity
The Stby_sel and Go_stby bits are protected by a parity check
The bits Stby_sel, Go_stby and Parity must represent an even number of '1',
otherwise the command is ignored and the Communication Error bit is set in the
Global Status Register. Following are the valid settings
Parity
STBY_SEL GO_STBY
Command
01
1
Go to V1_standby
10
1
Go to VBat_standby
0
0
0
No transition to standby
1
1
0
No transition to standby
Table 79. Control register 1, bits (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com