Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 87 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 83Page - STMicroelectronics L99PM72GXP Datasheet HTML 84Page - STMicroelectronics L99PM72GXP Datasheet HTML 85Page - STMicroelectronics L99PM72GXP Datasheet HTML 86Page - STMicroelectronics L99PM72GXP Datasheet HTML 87Page - STMicroelectronics L99PM72GXP Datasheet HTML 88Page - STMicroelectronics L99PM72GXP Datasheet HTML 89Page - STMicroelectronics L99PM72GXP Datasheet HTML 90Page - STMicroelectronics L99PM72GXP Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
DocID024767 Rev 4
87/129
L99PM72GXP
ST SPI
128
<Burst Mode>: not supported
<Watchdog>: available
<Frame width>: 24 bit
6.2
SPI registers
6.2.1
Overview command byte
Table 72. SPI register: command byte
Read/write
Address
xx
xxxx
xx
Table 73. SPI register: mode selection
Read/write
Mode selection
00
Write
01
Read
1
0
Read and clear
1
1
Read device info
Table 74. SPI register: CTRL register selection
CTRL register 1…6
CTRL register selection
000001
CTRL register1
000010
CTRL register2
000011
CTRL register3
000100
CTRL register4
000101
CTRL register5
000110
CTRL register6
000111
CTRL register7
001000
CTRL register8
001001
CTRL Register9
001010
CTRL Register10
001011
CTRL Register11
001100
CTRL Register12
001101
CTRL Register13
001110
CTRL Register14
001111
CTRL Register15
010000
CTRL Register16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com