| Electronic Components Datasheet Search |
|
L99PM72GXP Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72GXP Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 129 page ![]() DocID024767 Rev 4 9/129 L99PM72GXP List of figures 9 List of figures Figure 1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Figure 2. Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Figure 3. Voltage source with external PNP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 4. Voltage source with external PNP and current limitation . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 5. Voltage source with external NPN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 6. Voltage source with external NPN and current limitation . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 7. Voltage regulator behaviour and diagnosis during supply voltage ramp-up / ramp-down conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Figure 8. Sequence to enter and exit SW Debug Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Figure 9. Main operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Figure 10. Watchdog in normal operating mode (no errors) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Figure 11. Watchdog with error conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 12. Watchdog in FLASH Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 13. Change watchdog timing within long open window . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 14. Change watchdog timing within window mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 15. General procedure to change watchdog timing out of Fail safe mode . . . . . . . . . . . . . . . . 28 Figure 16. Change watchdog timing out of Fail safe mode (Watchdog failure) . . . . . . . . . . . . . . . . . . 28 Figure 17. Example: exit Fail-Safe mode from Watchdog failure. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Figure 18. Master node configuration using LIN_PU (optional) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Figure 19. Transceiver state diagram if selective wake-up is disabled (CR16 SW_EN = 0) . . . . . . . . 35 Figure 20. CAN transceiver state diagram if selective wake-up is enabled (CR16 SW_EN = 1). . . . . 36 Figure 21. CAN wake up capabilities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 Figure 22. Overvoltage and undervoltage protection and diagnosis . . . . . . . . . . . . . . . . . . . . . . . . . . 43 Figure 23. Thermal shutdown protection and diagnosis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 Figure 24. Phase shifted PWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46 Figure 25. Typical application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 Figure 26. Thermal data of PowerSSO-36. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51 Figure 27. PowerSSO-36 PC board. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52 Figure 28. PowerSSO-36 thermal resistance junction to ambient vs PCB copper area (V1 ON) . . . . 53 Figure 29. PowerSSO-36 thermal impedance junction to ambient vs PCB copper area (single pulse with V1 ON). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53 Figure 30. PowerSSO-36 thermal fitting model (V1 ON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 Figure 31. Watchdog timing (long, early, late and safe window) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 Figure 32. Watchdog early, late and safe windows . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Figure 33. LIN transmit, receive timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 Figure 34. SPI - transfer timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73 Figure 35. SPI input timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74 Figure 36. SPI output timing (part 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 Figure 37. SPI CSN - output timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76 Figure 38. SPI - CSN low to high transition and global status bit access . . . . . . . . . . . . . . . . . . . . . . 76 Figure 39. Read configuration register. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79 Figure 40. Write configuration register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79 Figure 41. Format of data shifted out at SDO during write cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82 Figure 42. Format of data shifted out at SDO during read cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83 Figure 43. Format of data shifted out at SDO during read and clear status operation . . . . . . . . . . . . 85 Figure 44. PowerSSO-36 package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |