Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM72GXP Datasheet(PDF) 102 Page - STMicroelectronics

Part # L99PM72GXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 98Page - STMicroelectronics L99PM72GXP Datasheet HTML 99Page - STMicroelectronics L99PM72GXP Datasheet HTML 100Page - STMicroelectronics L99PM72GXP Datasheet HTML 101Page - STMicroelectronics L99PM72GXP Datasheet HTML 102Page - STMicroelectronics L99PM72GXP Datasheet HTML 103Page - STMicroelectronics L99PM72GXP Datasheet HTML 104Page - STMicroelectronics L99PM72GXP Datasheet HTML 105Page - STMicroelectronics L99PM72GXP Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 129 page
background image
ST SPI
L99PM72GXP
102/129
DocID024767 Rev 4
Table 91. Control register 5, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
PWM2_
OFF_DC_6
PWM2 duty cycle
13
PWM2_
OFF_DC_5
PWM2
OFF_
DC_6
PWM2
OFF_
DC_5
PWM2
OFF_
DC_4
PWM2
OFF_
DC_3
PWM2
OFF_
DC_2
PWM2
OFF_
DC_1
PWM2
OFF_
DC_0
PWM2 duty
cycle
12
PWM2_
OFF_DC_4
1111111
0%, HS OFF
11
PWM2_
OFF_DC_3
1111110
200/128 %
10
PWM2_
OFF_DC_2
1111111
300/128 %
9
PWM2_
OFF_DC_1
...
8PWM2_
OFF_DC_0
0000010
12600/128 %
0000001
12700/128 %
0000000
100% HS ON
7
PWM_FREQ Select PWM frequency
0
128 Hz
1
256 Hz
6
PWM1_
ON_DC_6
PWM1 duty cycle
5
PWM1_
ON_DC_5
PWM1
ON_
DC_6
PWM1
ON_
DC_5
PWM1
ON_
DC_4
PWM1
ON_
DC_3
PWM1
ON_
DC_2
PWM1
ON_
DC_1
PWM1
ON_
DC_0
PWM1 duty
cycle
4
PWM1_
ON_DC_4
1111111
100%, HS ON
3
PWM1_
ON_DC_3
1111110
12600/128 %
2
PWM1_
ON_DC_2
1111111
12500/128 %
1
PWM1_
ON_DC_1
...
0PWM1_
ON_DC_0
0000010
200/128 %
0000001
100/128 %
0000000
0% HS OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com