Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 54Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 55Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 56Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 57Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 58Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 59Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 60Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 61Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
Electrical characteristics
STM8AF61xx, STM8AF51xx
58/100
11.3.1
Supply current characteristics
The current consumption is measured as described in Figure 8 on page 54 and Figure 9 on
page 55.
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
Subject to general operating conditions for VDD and TA.
Note on the run-current typical and worst-case values
●
Typical device currents values are representative of an application set-up without any
I/O activity at 25 °C. The worst case values correspond to the actual test-limits and
include both internal and external device I/O current.
●
During the execution of an actual application program, the number of read access
cycles to the code memory depends on its structure. A code doing arithmetical
calculations reads the memory less frequently than programs with jump, loop or data
manipulation instructions. The fast-reading access in a Flash memory needs much
more power compared to a RAM. Consequently, the run-current for EEPROM
execution depends strongly on the actual application code structure. The
measurements in the tables below were made using a short, representative code with
move, jump and arithmetic operations. The worst case, an infinite loop of ‘while’
instructions takes approximately 25 % more power. For RAM execution, such power to
program structure relations has not been observed.
Table 18.
Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
20(1)
1.
Guaranteed by design, not tested in production
∞
µs/V
VDD fall time rate
(3)
20(2)
2.
TBD = To be determined
∞
tTEMP
Reset release
delay
VDD rising
TBD(2)
3ms
Reset generation
delay(3)
3.
Reset is always generated after a tTEMP delay. The application must ensure that VDD is still above the
minimum operating voltage (VDD min) when the tTEMP delay has elapsed.
VDD falling
TBD(2)
3µs
VIT+
Power-on reset
threshold
2.65
2.8
2.95
V
VIT-
Brown-out reset
threshold
2.58
2.73
2.88
V
VHYS(BOR)
Brown-out reset
hysteresis
70(1)
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com