Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 80Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 81Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 82Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 83Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 84Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 85Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 86Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 87Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
Electrical characteristics
STM8AF61xx, STM8AF51xx
84/100
Figure 41.
ADC accuracy characteristics
1.
Example of an actual transfer curve
2.
The ideal transfer curve
3.
End point correlation line
ET = Total unadjusted error: Maximum deviation between the actual and the ideal transfer curves.
EO = Offset error: Deviation between the first actual transition and the first ideal one.
EG = Gain error: Deviation between the last ideal transition and the last actual one.
ED = Differential linearity error: Maximum deviation between actual steps and the ideal one.
EL = Integral linearity error: Maximum deviation between any actual transition and the end point correlation
line.
Table 36.
ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(1)
fADC = 2 MHz
1.5
TBD(1)
1.
TBD = To be determined
LSB
|EO|
Offset error(1)
1.1
TBD(1)
|EG|
Gain error(1)
-0.2/0.6
TBD(1)
|ED|
Differential linearity error(1)
0.9
TBD(1)
|EL|
Integral linearity error(1)
1
TBD(1)
Table 37.
ADC accuracy with RAIN < 10 kΩ , VDDA = 5 V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(1)
1.
ADC accuracy vs. injection current: Any positive or negative injection current within the limits specified for
IINJ(PIN) and ΣIINJ(PIN) in Section 11.3.5 does not affect the ADC accuracy.
fADC = 2 MHz
1.4
3
LSB
|EO|
Offset error(1)
0.8
2
|EG|
Gain error(1)
0.1
1
|ED|
Differential linearity error(1)
0.9
2
|EL|
Integral linearity error(1)
0.7
2
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DDA
V
SSA
–
1024
-----------------------------------------
=
1023
1022
1021
5
4
3
2
1
0
7
6
12
3
4
5
6
7
1021102210231024
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com