Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 85Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 86Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 87Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 88Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 89Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 90Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 91Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 92Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
89/100
11.4.2
Selecting the product temperature range
When ordering the microcontroller, the temperature range is specified in the order code (see
Figure 47: STM8A order codes on page 95
).
The following example shows how to calculate the temperature range needed for a given
application.
Assuming the following application conditions:
Maximum ambient temperature TAmax= 82 °C (measured according to JESD51-2),
IDDmax = 8 mA, VDD = 5 V, maximum 20 I/Os used at the same time in output at low
level with IOL = 8 mA, VOL= 0.4 V
PINTmax = 8 mA x 5 V= 400 mW
PIOmax = 20 x 8 mA x 0.4 V = 64 mW
This gives: PINTmax = 400 mW and PIOmax 64 mW:
PDmax = 400 mW + 64 mW
Thus: PDmax = 464 mW
Using the values obtained in Table 42: Thermal characteristics on page 88 TJmax is
calculated as follows:
–
For LQFP64 46°C/W
TJmax = 82° C + (46° C/W x 464 mW) = 82°C + 21°C = 103° C
This is within the range of the suffix B version parts (-40 < TJ < 105° C).
Parts must be ordered at least with the temperature range suffix B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com