Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 91Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 92Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 93Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 94Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 95Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 96Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 97Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 98Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
STM8AF61xx, STM8AF51xx
Ordering information
95/100
13
Ordering information
Figure 47.
STM8A order codes
1.
Customer specific FASTROM code
Product family
STM8A....8-bit microcontroller
Program memory type
F....Flash + EEPROM
P....FASTROM no EEPROM
H....Flash no EEPROM
Q....FASTROM + EEPROM
Device family
5x - CAN/LIN
6x - LIN only
Memory size
2....8 Kbyte
4....16 Kbyte
6....32 Kbyte
7....48 Kbyte
8....64 Kbyte
9....96 Kbyte
A....128 Kbyte
B....256 Kbyte
Pin count
3....20 pins
6....32 pins
7....44 pins
8....48 pins
9....64 pins
A....80 pins
B....100 pins
C....128 pins
Package type
T.....LQFP
U....QFN
Packaging
Y.... Tray
U.... Tube
R.... Tape and reel
X.... Tape and reel x90°
Temperature range
A....-40 °C to +85 °C
B....-40 °C to +105 °C
C....-40 °C to +125 °C
D....-40 °C to +145 °C
STM8A
F
51
A
A
T
D
xxx(1)
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com