Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 23Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 24Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 25Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 26Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 27Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 28Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 29Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
STM8AF61xx, STM8AF51xx
Pinouts and pin description
27/100
Figure 5.
LQFP 48-pin pinout
1.
The CAN interface is only available on the STM8AF/H51xx product line
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
PA6
PC1 (HS)/TIM1_CC1
PE5/SPI_NSS
PG1
VSSIO_2
PC5/SPI_SCK
PC4 (HS)/TIM1_CC4
PC3 (HS)/TIM1_CC3
P
C2 (HS)/TIM1_CC2
PG0
PC7/SPI_MISO
PC6/SPI_MOSI
VDDIO_2
VSS
VCAP
VDD
VDDIO_1
TIM2_CC3/PA3
PA4
PA5
NRST
OSCIN/PA1
OSCOUT/PA2
VSSIO_1
(HS) high sink capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com