Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 20Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 21Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 22Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 23Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 24Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 25Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 26Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 27Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
Product overview
STM8AF61xx, STM8AF51xx
24/100
●
Filtering modes:
–
Mask mode permitting ID range filtering
–
ID list mode
●
Time triggered communication option
–
Disable automatic retransmission mode
–
16-bit free running timer
–
Configurable timer resolution
–
Time stamp sent in last two data bytes
Interrupt management
●
Maskable interrupt
●
Software-efficient mailbox mapping at a unique address space
5.10
Input/output specifications
The product features four different I/O types:
●
Standard I/O 2 MHz
●
Fast I/O 10 MHz
●
High sink 8 mA, 2 MHz
●
True open drain (I2C interface)
To decrease EMI (electromagnetic interference), high sink I/Os have a limited maximum
slew rate. The rise and fall times are similar to those of standard I/Os. Selected I/Os include
a low leakage analog switch.
STM8A I/Os are designed to withstand current injection. For a negative injection current of
4 mA, the resulting leakage current in the adjacent input does not exceed 1 µA. External
protection diodes are no longer required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com