Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 83Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 84Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 85Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 86Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 87Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 88Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 89Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 90Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
STM8AF61xx, STM8AF51xx
Electrical characteristics
87/100
Static latch-up
Two complementary static tests are required on 10 parts to assess the latch-up
performance.
●
A supply overvoltage (applied to each power supply pin) and
●
A current injection (applied to each input, output and configurable I/O pin) are
performed on each sample.
This test conforms to the EIA/JESD 78 IC latch-up standard. For more details, refer to the
application note AN1181.
Table 40.
ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
1.
Data based on characterization results, not tested in production
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human body model)
TA = 25°C, conforming to
JESD22-A114
3A
4000
V
VESD(CDM)
Electrostatic discharge voltage
(Charge device model)
TA= 25°C, conforming to
JESD22-C101
3
500
VESD(MM)
Electrostatic discharge voltage
(Machine model)
TA= 25°C, conforming to
JESD22-A115
B
200
Table 41.
Electrical sensitivities
Symbol
Parameter
Conditions
Class(1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to class A it exceeds the JEDEC standard. B
class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA = 25 °C
A
TA = 85 °C
A
TA = 125 °C
A
TA = 145 °C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com