Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 87Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 88Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 89Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 90Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 91Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 92Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 93Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 94Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
STM8AF61xx, STM8AF51xx
Package characteristics
91/100
12.1
Package mechanical data
Figure 43.
80-pin low profile quad flat package (14 x 14)
Table 43.
80-pin low profile quad flat package mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15
0.0020
0.0059
A2
1.35
1.40
1.45
0.0531
0.0551
0.0571
b
0.22
0.32
0.38
0.0087
0.0126
0.0150
c
0.09
0.20
0.0035
0.0079
D
16.00
0.6299
D1
14.00
0.5512
E
16.00
0.6299
E1
14.00
0.5512
e
0.65
0.0256
θ
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00
0.0394
A
A2
A1
b
e
θ
c
L
L1
E
E1
D1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com