Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 58Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 59Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 60Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 61Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 62Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 63Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 64Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 65Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
Electrical characteristics
STM8AF61xx, STM8AF51xx
62/100
IDD(RUN)
Supply
current in
run mode
All peripherals off,
code executed
from EEPROM
HSE Crystal oscillator
fCPU = fMASTER = 24 MHz
11.0
mA
HSE external clock
fCPU = fMASTER = 24 MHz
10.8
HSE Crystal oscillator
fCPU = fMASTER = 16 MHz
8.6
HSE external clock
fCPU = fMASTER = 16 MHz
8.35
HSI internal RC
fCPU = fMASTER = 16 MHz
8.2
HSI internal RC 16 MHz/8
fCPU = fMASTER = 2 MHz
1.6
IDD(RUN)
Supply
current in
run mode
All peripherals on,
code executed
from RAM
HSE Crystal oscillator
fCPU = fMASTER = 24 MHz
6.5
mA
HSE external clock
fCPU = fMASTER = 24 MHz
6.3
HSE Crystal oscillator
fCPU = fMASTER = 16 MHz
3.9
HSE external clock
fCPU = fMASTER = 16 MHz
3.7
HSI internal RC
fCPU = fMASTER = 16 MHz
3.55
HSI internal RC 16 MHz/8
fCPU = fMASTER = 2 MHz
1.4
IDD(RUN)
Supply
current in
run mode
All peripherals on,
code executed
from EEPROM
HSE Crystal oscillator
fCPU = fMASTER = 24 MHz
13.5
mA
HSE external clock
fCPU = fMASTER = 24 MHz
13.3
HSE Crystal oscillator
fCPU = fMASTER = 16 MHz
9.6
HSE external clock
fCPU = fMASTER = 16 MHz
9.35
HSI internal RC
fCPU = fMASTER = 16 MHz
9.2
HSI internal RC 16 MHz/8
fCPU = fMASTER = 2 MHz
1.8
Table 21.
Total current consumption in run, wait and slow mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com