Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 45Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 46Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 47Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 48Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 49Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 50Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 51Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 52Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
STM8AF61xx, STM8AF51xx
Option bytes
49/100
10
Option bytes
Option bytes contain configurations for device hardware features as well as the memory protection of the
device. They are stored in a dedicated block of the memory. Except for the ROP (read-out protection)
byte, each option byte has to be stored twice, in a regular form (OPTx) and a complemented one
(NOPTx) for redundancy.
Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address shown in
Table 12: Option bytes below.
Option bytes can also be modified ‘on the fly’ by the application in IAP mode, except the ROP and UBC
options that can only be toggled in ICP mode (via SWIM).
Refer to the STM8 Flash programming manual (PM0047) and STM8 SWIM communication protocol and
debug modulel user manual (UM0470) for information on SWIM programming procedures.
Table 12.
Option bytes
Addr.
Option
name
Option
byte no.
Option bits
Factory
default
setting
76
5
4
3
2
1
0
4800h
Read-out
protection
(ROP)
OPT0
ROP[7:0]
00h
4801h
User
boot code
(UBC)
OPT1
UBC[7:0]
00h
4802h
NOPT1
NUBC[7:0]
FFh
4803h Alternate
function
remappin
g (AFR)
OPT2
AFR7
AFR6
AFR5
AFR4
AFR3
AFR2
AFR1
AFR0
00h
4804h
NOPT2
NAFR
7
NAFR
6
NAFR5
NAFR4
NAFR3
NAFR2
NAFR1 NAFR0
FFh
4805h
Watchdog
option
OPT3
Reserved
LSI
_EN
IWDG
_HW
WWDG
_HW
WWDG
_HALT
00h
4806h
NOPT3
Reserved
NLSI
_EN
NIWDG
_HW
NWWD
G_HW
NWWG
_HALT
FFh
4807h
Clock
option
OPT4
Reserved
EXT
CLK
CKAWU
SEL
PRS
C1
PRS
C0
00h
4808h
NOPT4
Reserved
NEXT
CLK
NCKAW
USEL
NPR
SC1
NPR
SC0
FFh
4809h HSE
clock
startup
OPT5
HSECNT[7:0]
00h
480Ah
NOPT5
NHSECNT[7:0]
FFh
480Bh
TMU
OPT6
TMU[0:3]
00h
480Ch
NOPT6
NTMU[0:3]
FFh
480Dh
Flash wait
states
OPT7
Reserved
WAIT
STATE
00h
480Eh
NOPT7
Reserved
NWAIT
STATE
FFh
480Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com