Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 30Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 31Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 32Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 37Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
Interrupt table
STM8AF61xx, STM8AF51xx
34/100
8
Interrupt table
Table 8.
STM8A interrupt table
Priority
Source
block
Description
Interrupt vector
address
Wake-up
from halt
Comments
-
Reset
Reset
6000h
Yes
Reset vector in ROM
-
TRAP
SW interrupt
8004h
0TLI
External top level
interrupt
8008h
1AWU
Auto wake up from
halt
800Ch
Yes
2
Clock
controller
Main clock controller
8010h
3
MISC
Ext interrupt E0
8014h
Yes
Port A interrupts
4
MISC
Ext interrupt E1
8018h
Yes
Port B interrupts
5
MISC
Ext interrupt E2
801Ch
Yes
Port C interrupts
6
MISC
Ext interrupt E3
8020h
Yes
Port D interrupts
7
MISC
Ext interrupt E4
8024h
Yes
Port E interrupts
8
CAN
CAN interrupt Rx
8028h
Yes
9CAN
CAN interrupt
TX/ER/SC
802Ch
10
SPI
End of transfer
8030h
Yes
11
Timer 1
Update/overflow/
trigger/break
8034h
12
Timer 1
Capture/compare
8038h
13
Timer 2
Update/overflow/
break
803Ch
Trigger not available on
medium end timer
14
Timer 2
Capture/compare
8040h
15
Timer 3
Update/overflow/
break
8044h
Trigger not available on
medium end timer
16
Timer 3
Capture/compare
8048h
17
USART
(SCI1)
Tx complete/
ER/SPI EOT/SPI
error
804Ch
18
USART
(SCI1)
Receive data full reg.
8050h
19
I2C
I2C interrupts
8054h
Yes
20
LINUART
(SCI2)
Tx complete/error/
SPI EOT/SPI error
8058h
21
LINUART
(SCI2)
Receive data full reg.
805Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com