Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 15Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 16Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 17Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 18Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 19Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 20Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 21Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 22Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
STM8AF61xx, STM8AF51xx
Product overview
19/100
5.7.3
Multipurpose and PWM timers
STM8A devices described in this datasheet, contain up to three 16-bit multipurpose and
PWM timers providing nine CAPCOM channels in total.
Timer 1: Multipurpose PWM timer
This is a high-end timer designed for a wide range of control applications. With its
complementary outputs, dead-time control and center-aligned PWM capability, the field of
applications is extended to motor control, lighting and half-bridge driver.
●
16-bit up, down and up/down AR (auto-reload) counter with 16-bit prescaler
●
Four independent CAPCOM channels configurable as input capture, output compare,
PWM generation (edge and center aligned mode) and single pulse mode output
●
Trigger module which allows the interaction of timer 1 with other timers or the ADC to
be controlled
●
Break input to force the timer outputs into a defined state
●
Three complementary outputs with adjustable dead time
●
Interrupt sources: 4 x input capture/output compare, 1 x overflow/update, 1 x break
Timer 2 and 3: 16-bit PWM timers
●
16-bit auto-reload up-counter
●
15-bit prescaler adjustable to fixed power of two ratios 1…32768
●
Timers with three or two individually configurable CAPCOM channels
●
Interrupt sources: 2 or 3 x input capture/output compare, 1 x overflow/update
5.7.4
Timer 4: System timer
●
8-bit auto-reload, adjustable prescaler ratio to any power of two from 1 to 128
●
Clock source: master clock
●
Interrupt source: 1 x overflow/update
Table 4.
STM8A timer configuration
Timer
Counter
Prescaler
Type
CAPCOM
Complementary
outputs
Synchronization
module
Timer1
16
16
Up/down
4
3
Yes
Timer2
15-bit fixed power
of 2 ratios
Up
3
0No
Timer3
2
Timer4
8
7-bit fixed power
of 2 ratios
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com