Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP5X46TAY Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8AP5X46TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP5X46TAY Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8AP5X46TAY Datasheet HTML 33Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 34Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 35Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 36Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 37Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 38Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 39Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 40Page - STMicroelectronics STM8AP5X46TAY Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
STM8AF61xx, STM8AF51xx
Register mapping
37/100
00 501Eh
Port G
PG_ODR
Port G data output latch register
00h
00 501Fh
PG_IDR
Port G input pin value register
00h
00 5020h
PG_DDR
Port G data direction register
00h
00 5021h
PG_CR1
Port G control register 1
00h
00 5022h
PG_CR2
Port G control register 2
00h
00 5023h
Port H
PH_ODR
Port H data output latch register
00h
00 5024h
PH_IDR
Port H input pin value register
00h
00 5025h
PH_DDR
Port H data direction register
00h
00 5026h
PH_CR1
Port H control register 1
00h
00 5027h
PH_CR2
Port H control register 2
00h
00 5028h
Port I
PI_ODR
Port I data output latch register
00h
00 5029h
PI_IDR
Port I input pin value register
00h
00 502Ah
PI_DDR
Port I data direction register
00h
00 502Bh
PI_CR1
Port I control register 1
00h
00 502Ch
PI_CR2
Port I control register 2
00h
Table 9.
STM8A I/O port hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com