Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 361Page - Renesas Technology Corp HD6417618A Datasheet HTML 362Page - Renesas Technology Corp HD6417618A Datasheet HTML 363Page - Renesas Technology Corp HD6417618A Datasheet HTML 364Page - Renesas Technology Corp HD6417618A Datasheet HTML 365Page - Renesas Technology Corp HD6417618A Datasheet HTML 366Page - Renesas Technology Corp HD6417618A Datasheet HTML 367Page - Renesas Technology Corp HD6417618A Datasheet HTML 368Page - Renesas Technology Corp HD6417618A Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 333 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
3
STOP
0
R/W
Stop Bit Length
Selects one or two bits as the stop bit length in
asynchronous mode. This setting is used only in
asynchronous mode. It is ignored in synchronous mode
because no stop bits are added.
When receiving, only the first stop bit is checked,
regardless of the STOP bit setting. If the second stop
bit is 1, it is treated as a stop bit, but if the second stop
bit is 0, it is treated as the start bit of the next incoming
character.
0: One stop bit
When transmitting, a single 1-bit is added at the end
of each transmitted character.
1: Two stop bits
When transmitting, two 1 bits are added at the end of
each transmitted character.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
Select the internal clock source of the on-chip baud rate
generator. Four clock sources are available. P
φ, Pφ/4,
P
φ/16 and Pφ/64. For further information on the clock
source, bit rate register settings, and baud rate, see
section 14.3.8, Bit Rate Register (SCBRR).
00: P
φ
01: P
φ/4
10: P
φ/16
11: P
φ/64
Note: P
φ: Peripheral clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com