Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 364Page - Renesas Technology Corp HD6417618A Datasheet HTML 365Page - Renesas Technology Corp HD6417618A Datasheet HTML 366Page - Renesas Technology Corp HD6417618A Datasheet HTML 367Page - Renesas Technology Corp HD6417618A Datasheet HTML 368Page - Renesas Technology Corp HD6417618A Datasheet HTML 369Page - Renesas Technology Corp HD6417618A Datasheet HTML 370Page - Renesas Technology Corp HD6417618A Datasheet HTML 371Page - Renesas Technology Corp HD6417618A Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 336 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
4
RE
0
R/W
Receive Enable
Enables or disables the SCIF serial receiver.
0:Receiver disabled*
1
1: Receiver enabled*
2
Notes:1. Clearing RE to 0 does not affect the receive
flags (DR, ER, BRK, RDF, FER, PER, and
ORER). These flags retain their previous
values.
2. Serial reception starts when a start bit is
detected in asynchronous mode, or
synchronous clock input is detected in
synchronous mode. Select the receive format
in SCSMR and SCFCR and reset the receive
FIFO before setting RE to 1.
3
REIE
0
R
Receive Error Interrupt Enable
Enables or disables the receive-error (ERI) interrupts
and break (BRI) interrupts. The setting of REIE bit is
valid only when RIE bit is set to 0.
0: Receive-error interrupt (ERI) and break interrupt
(BRI) requests are disabled*
1: Receive-error interrupt (ERI) and break interrupt
(BRI) requests are enabled
Note: * ERI or BRI interrupt requests can be cleared
by reading the ER, BR or ORER flag after it
has been set to 1, then clearing the flag to 0, or
by clearing RIE and REIE to 0. Even if RIE is
set to 0, when REIE is set to 1, ERI or BRI
interrupt requests are enabled.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com