Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 372Page - Renesas Technology Corp HD6417618A Datasheet HTML 373Page - Renesas Technology Corp HD6417618A Datasheet HTML 374Page - Renesas Technology Corp HD6417618A Datasheet HTML 375Page - Renesas Technology Corp HD6417618A Datasheet HTML 376Page - Renesas Technology Corp HD6417618A Datasheet HTML 377Page - Renesas Technology Corp HD6417618A Datasheet HTML 378Page - Renesas Technology Corp HD6417618A Datasheet HTML 379Page - Renesas Technology Corp HD6417618A Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 344 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
1
RDF
0
R/(W)* Receive FIFO Data Full
Indicates that receive data has been transferred to
the receive FIFO data register (SCFRDR), and the
number of data in SCFRDR has become more than
the receive trigger number specified by the RTRG1
and RTRG0 bits in the FIFO control register
(SCFCR).
0: The number of transmit data written to SCFRDR is
less than the specified receive trigger number
[Clearing conditions]
• RDF is cleared to 0 by a power-on reset
• RDF is cleared to 0 when the SCFRDR is read
until the number of receive data in SCFRDR
becomes less than the specified receive trigger
number after 1 is read from RDF and then 0 is
written
1: The number of receive data in SCFRDR is more
than the specified receive trigger number
[Setting condition]
• RDF is set to 1 when a number of receive data
more than the specified receive trigger number is
stored in SCFRDR*
Note: * SCFTDR is a 16-byte FIFO register. When
RDF is 1, the specified receive trigger
number of data can be read at the maximum.
If an attempt is made to read after all the data
in SCFRDR has been read, the data is
undefined. The number of receive data in
SCFRDR is indicated by the lower 8 bits of
SCFDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com