Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 375Page - Renesas Technology Corp HD6417618A Datasheet HTML 376Page - Renesas Technology Corp HD6417618A Datasheet HTML 377Page - Renesas Technology Corp HD6417618A Datasheet HTML 378Page - Renesas Technology Corp HD6417618A Datasheet HTML 379Page - Renesas Technology Corp HD6417618A Datasheet HTML 380Page - Renesas Technology Corp HD6417618A Datasheet HTML 381Page - Renesas Technology Corp HD6417618A Datasheet HTML 382Page - Renesas Technology Corp HD6417618A Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 347 of 610
REJ09B0131-0600
Table 14.2
SCSMR Settings
SCSMR Settings
n
Clock Source
CKS1
CKS0
0
P
φ
0
0
1
P
φ/4
0
1
2
P
φ/16
1
0
3
P
φ/64
1
1
Note:
The bit rate error in asynchronous is given by the following formula:
Error (%) =
- 1
× 100
(N + 1)
× B × 642n-1 × 2
P
φ × 106
Table 14.3 lists examples of SCBRR settings in asynchronous mode, and table 14.4 lists examples
of SCBRR settings in synchronous mode.
Table 14.3
Bit Rates and SCBRR Settings in Asynchronous Mode
P
φ (MHz)
5
6
6.144
Bit Rate (bits/s) n
N
Error (
%) n
N
Error (
%) n
N
Error (
%)
110
2
88
–0.25
2
106
–0.44
2
108
0.08
150
2
64
0.16
2
77
0.16
2
79
0.00
300
1
129
0.16
1
155
0.16
1
159
0.00
600
1
64
0.16
1
77
0.16
1
79
0.00
1200
0
129
0.16
0
155
0.16
0
159
0.00
2400
0
64
0.16
0
77
0.16
0
79
0.00
4800
0
32
–1.36
0
38
0.16
0
39
0.00
9600
0
15
1.73
0
19
–2.34
0
19
0.00
19200
0
7
1.73
0
9
–2.34
0
9
0.00
31250
0
4
0.00
0
5
0.00
0
5
2.40
38400
0
3
1.73
0
4
–2.34
0
4
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com