Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 378Page - Renesas Technology Corp HD6417618A Datasheet HTML 379Page - Renesas Technology Corp HD6417618A Datasheet HTML 380Page - Renesas Technology Corp HD6417618A Datasheet HTML 381Page - Renesas Technology Corp HD6417618A Datasheet HTML 382Page - Renesas Technology Corp HD6417618A Datasheet HTML 383Page - Renesas Technology Corp HD6417618A Datasheet HTML 384Page - Renesas Technology Corp HD6417618A Datasheet HTML 385Page - Renesas Technology Corp HD6417618A Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 350 of 610
REJ09B0131-0600
Table 14.4
Bit Rates and SCBRR Settings in Synchronous Mode
P
φ (MHz)
5
8
16
28.7
30
33
Bit Rate
(bits/s)
n
N
n
N
n
N
n
N
n
N
n
N
110
250
3
77
3
124
3
249
500
3
38
2
249
3
124
3
223
3
233
3
255
1k
2
77
2
124
2
249
3
111
3
116
3
125
2.5k
1
124
1
199
2
99
2
178
2
187
2
200
5k
0
249
1
99
1
199
2
89
2
93
2
100
10k
0
124
0
199
1
99
1
178
1
187
1
200
25k
0
49
0
79
0
159
1
71
1
74
1
80
50k
0
24
0
39
0
79
0
143
0
149
0
160
100k
0
19
0
39
0
71
0
74
0
80
250k
0
4
0
7
0
15
0
29
0
31
500k
0
3
0
7
0
14
0
15
1M
0
1
0
3
0
7
2M
0
0*
0
1
[Legend]
Blank: No setting possible
:
Setting possible, but error occurs
*:
Continuous transmission/reception is disabled.
Note:
Settings with an error of 1% or less are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com